PART |
Description |
Maker |
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
PEC11-4130F-S0018 PEC11-4315K-N0012 PEC11-4315K-S0 |
Incremental Encoder; Number of Detents:18; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:30mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT, COMPACT PACKAGE-3 Incremental Encoder; Number of Detents:0; Counts Per Revolution:12; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:15mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:0; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:0; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:18; Counts Per Revolution:18; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:30mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Number of Detents:24; Counts Per Revolution:24; Number of Pins:3; Rotational Life Revolutions:30000; Shaft Length:20mm SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Incremental Encoder; Encoder Type:Incremental; Encoder Resolution:24CPR; No. of Channels:2; Shaft Diameter:6mm; Series:PEC11; Rotation Speed:60rpm; Rotational Life Revolutions:30000; Torque Max:2.7in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
25BP22-B-1-10F 25BP22-B-1-16 25BP22-B-1-10C 25BSP2 |
ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-5 ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-10 ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-20 ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-15 Multiple Code and Indexing Choices
|
Grayhill, Inc. GRAYHILL INC
|
3315C-015-006L 3315R-105-016L 3315P-105-006 3315P- |
9 mm Square Sealed Incremental Encoder SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
3315C-025-006L 3315P-025-006L 3315P-102-006L 3315R |
9 mm Square Sealed Incremental Encoder SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Bourns, Inc. BOURNS INC
|
62S45-M5-050C 62S11-M5-060CH 62S30-N0-180C 62S30-H |
1/2" Package, Low Profile Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
OPE1275H-256 OPE2275H-256 |
SINGLE, ROTARY OPTICAL POSITION ENCODER ROHS COMPLIANT PACKAGE-4 Incremental Hollow Shaft Encoder
|
TT electronics OPTEK Technology TT Electronics.
|
62P22-N4S 62P22-L4S 62P22-N0S |
SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER COMPACT PACKAGE-6 PC Mount Optical Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc.
|
MLX90316 MLX9031605 MLX90316KDC MLX90316KGO MLX903 |
Absolute Rotary Position Sensor IC
|
List of Unclassifed Manufacturers Melexis, Inc. ETC
|
AS5245HQFT |
Programmable 360o Magnetic Angle Encoder with Absolute SSI and PWM Output Programmable 360篓卢 Magnetic Angle Encoder with Absolute SSI and PWM Output
|
ams AG austriamicrosystems AG
|
CEV65M CEV65S |
(CEV65S/M) Absolute-Encoder
|
TR-Electronic
|